PART |
Description |
Maker |
MJE182 MJE171 MJE181 MJE172 ON2017 MOTOROLAINC-MJE |
POWER TRANSISTORS COMPLEMENTARY SILICON 3 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-225AA From old datasheet system COMPLEMENTARY SLLLCON PLASTLC POWER TRANSLSTORS 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJE240 MJE243 MJE252 MJE254 MJE241 MJE242 MJE244 M |
Leaded Power Transistor General Purpose COMPLEMENTARY SILICON POWER TRANSISTORS 4 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-126 (MJE250 - MJE254 / MJE240 - MJE244) COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] http://
|
MJB42CT4 MJB41C MJB41CT4 MJB42C MJB41C-D |
Complementary Silicon Plastic Power Transistors D2PAK for Surface Mount Complementary Silicon Plastic Power Transistors 6 A, 100 V, PNP, Si, POWER TRANSISTOR Complementary Silicon Plastic Power Transistors 6 A, 100 V, NPN, Si, POWER TRANSISTOR
|
http:// ONSEMI[ON Semiconductor]
|
D44H06 D45H8G D44H D44H11 D44H11G D44H8 D44H8G D45 |
Complementary Silicon Power Transistor(互补型PNP硅功率晶体管) Complementary Silicon Power Transistors
|
ONSEMI[ON Semiconductor]
|
2N3055MJ2955 MJ2955 2N3055 ON0038 2N3055_MJ2955 |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 120 VOLTS 115/ 180 WATTS 15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS 15安培功率晶体管互补性的芯片6015 Complementary SlllconPower Translstors From old datasheet system
|
ON Semiconductor Motorola Inc MOTOROLA[Motorola, Inc]
|
BDX33B BDX34C BDX34B ON0204 BDX33C |
From old datasheet system 10 AMPERE COMPLEMENTARY Darlington Complementary Silicon Power Transistors
|
Motorola Inc ON Semiconductor Motorola, Inc
|
D45VH D44VH |
Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
|
ONSEMI[ON Semiconductor]
|
BD778 BD776 BD777 |
Plastic Darlington Complementary Silicon Power Transistors DARLINGTON 4-AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 45/ 60/ 80 VOLTS 15 WATTS
|
Motorola Inc MOTOROLA[Motorola, Inc] ON Semiconductor
|
TIP2955 TIP3055 4136 |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
NTHD3100C NTHD3100CT1 NTHD3100CT1G NTHD3100CT3 NTH |
Power MOSFET Complementary, 20 V, 3.9 A/-4.4 A ChipFET™ Power MOSFET Complementary, 20 V, 3.9 A/-4.4 A ChipFET™; Package: ChipFET™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 3000 2.9 A, 20 V, 0.08 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET Power MOSFET 20V, 3.9A/4.4A, Complementary ChipFET(20V, 3.9A/4.4A功率MOSFET) Power MOSFET 20 V, 3.9 A /−4.4 A, Complementary ChipFET
|
ON Semiconductor
|
TIP41 TIP42BG TIP41BG TIP41AG TIP41CG TIP42AG TIP4 |
Complementary Silicon Plastic Power Transistors 6 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Rectron Semiconductor
|
MJ15001G MJ1500105 MJ15002G MJ15002 MJ15001 |
Complementary Silicon Power Transistors 15 A, 140 V, NPN, Si, POWER TRANSISTOR, TO-204AA
|
ONSEMI[ON Semiconductor]
|